Part Number Hot Search : 
PNN6028 BCX53 1884649 AAT4291 DTA113T BTY79 PD703313 2SK16
Product Description
Full Text Search
 

To Download PSF03025 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  voltage controlled attenuator .1 to 4 ghz schematic maximum ratings parameter maximum dc v oltage +17 v olts continuous rf input power +23 dbm operating case t emperature C55 to +125 c storage t emperature C62 to +150 c r series burn-in t emperature +125 c weight: (typical) 0.5 grams psf-030-25 pin configuration sm-25f features ? frequency range: 0.1 to 4 ghz, usable to 5 ghz ? 30 db attenuation range, 50 db at 500 mhz ? t emperature stable ? w ell matched throughout attenuation range ? surface mount package applications ? agc/alc loops ? am modulator ? non-reflective spst switch description the psf-030 is a thin film analog voltage controlled attenuator providing 30 to 50 db of range depending on frequency and flatness require- ments. it uses pin diodes in a modified pi configuration to maintain low vswr perfor - mance over the control range. the psf-030-25 comes in our smallest hermetic surface mount package and offers higher performance than the psf-030-45. rf out rf in + 15 v c t echnical data
2 electrical specifications (measured in 50 w system @ 15 vdc nominal unless otherwise noted) t ypical guaranteed specifications symbol characteristic t c = 25 c t c = 0 to 50 c t c = e55 to +85 c unit bw frequency range 100e5000 100e4000 100e4000 mhz ? attenuation, min. (vc = o v) 100e1000 mhz 45 40 30.0 db 1000e2000 mhz 40 35 25.0 db 2000e4000 mhz 30 25 20.0 db ? insertion loss, max (vc = +15v) 2.5 3.0 3.5 db ? vswr (w orst case in attenuation range) 1.7:1 2.0:1 2.0:1 ? ? flatness over frequency (to 25 db) 100e2000 mhz 0.5 1.0 1.0 db 2000e4000 mhz 1.0 1.5 1.5 db ? switching speed (10% to 90%) (on to off or off to on) .5 1 1 m s ? bias current 8.0 ? ? ma ? control v oltage 0 to +15 ? ? vdc ? control current 0 to 10 ? ? ma 030 series
3 030 series t op t race: control pulse, 0C10v bottom t race: detected rf (pos detection) switching speed t ypical performance over t emperature (@ 15 vdc unless otherwise noted) -60 -50 -40 -30 -20 -10 0 0 1 2 3 4 5 attenuation vs. frequency @ vc attenuation - db frequency - ghz vc=15 7.23 3.87 2.76 2.35 2.16 2.04 1.97 1.92 0 -40 -20 0 20 40 60 80 100 120 0 1 2 3 4 5 insertion phase vs. frequency @ vc insertion phase - db frequency - ghz vc=15 7.23 3.87 2.76 2.35 2.16 2.04 1.97 1.92 0 -30 -25 -20 -15 -10 -5 0 0.01 0.1 1 10 output return loss vs. frequency return loss - db frequency - ghz vc=15 7.23 3.87 2.76 2.35 2.16 2.04 1.97 1.92 0 -30 -25 -20 -15 -10 -5 0 0.01 0.1 1 10 input return loss vs. frequency 25 85 -55 e f g h j i k return loss - db frequency - ghz vc=15 7.23 3.87 2.76 2.35 2.16 2.04 1.97 1.92 0 -50 -40 -30 -20 -10 0 0 2 4 6 8 10 12 14 attenuation vs. control voltage (freq. = 1 ghz) attenuation - db control voltage - volts tc = +25 tc = -55c tc = +85
case drawings pkg # pin designa tion 1 2 3 4 sm-25 rf in gnd rf out +v sm-25f rf in v -cont rf out +v sm-25da rf in Cv vid out +v sm-25dd rf in ctl ttl out +v notes: 1. maximum temperature exposure is 260 c for 10 seconds. 2. dimensions in inches. 3. t olerances: x xx .01 xxx .005 0.015 0.001 4 pl 0.040 4 3 2 1 0.120 max 0.250 sq 0.008 0.001 0.025 typ 0.040 typ 0.055 typ 0.230 0.230 0.050 0.015 8 pl 0.030 3 pl c l + + 0.010 typ 0.040 4 pl 0.010 r0.010 4 pl contact teledyne microwave solutions: 650-691-9 800 650-962-6 845 fax check for updates: www.teled yne microwave.com


▲Up To Search▲   

 
Price & Availability of PSF03025

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X